PART |
Description |
Maker |
KTC2025D KTC2025L KTC2025D-15 |
EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMP, MEDIUM SPEED SWITCHING)
|
KEC[KEC(Korea Electronics)]
|
NCP1217P133G |
Enhanced PWM Current−Mode Controller for High−Power Universal Off−Line Supplies 0.5 A SWITCHING CONTROLLER, 146 kHz SWITCHING FREQ-MAX, PDIP8
|
ON Semiconductor
|
ISL97642 ISL97642IRTZ ISL97642IRTZ-T |
TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-TQFN T&R 3.3 A SWITCHING REGULATOR, 1350 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp. Intersil Corporation
|
2SC3117 2SA1249 2SC3117T 2SC3117S |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 1.5AI(丙)|26 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1.5A I(C) | TO-126 160V/1.5A Switching Applications
|
Sanyo Semicon Device
|
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ZL2004ALNNT1 |
Adaptive Digital DC-DC Controller with Current Sharing; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC32
|
Intersil, Corp.
|
ZL2004ALNNT-01 ZL2004ALNNT1-01 |
Adaptive Digital DC-DC Controller with Current Sharing; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
ISL97519IUZ-TK |
1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 2 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
ISL6540ACRZA-T |
Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 4 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|